Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download QTLP670C-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red QTLP670C-3 Yellow QTLP670C-B Blue QTLP670C-4 Green QTLP670C-W White
PACKAGE DIMENSIONS
0.130 (3.3) 0.114 (2.9) O0.094 [O2.4]
0.118 (3.0) 0.102 (2.6)
0.091 (2.3) 0.083 (2.1)
TOP
POLARITY MARK
0.024 (0.6) 0.016 (0.4)
0.083 (2.1) 0.067 (1.7)
0.146 (3.7) 0.130 (3.3)
0.006 (0.15)
SIDE
0.032 (0.8)
BOTTOM
_
_
POLARITY
for -2, -3, -4, -9, -B and W for -7
APPLICATIONS
* Automotive interior lighting * Status indication for consumer electronics and office equipment
NOTE: Dimensions for all drawings are in inches (mm).
DESCRIPTION
These surface mount LEDs are designed with flat top and sides for the ease of pick-and-place by automatic placement equipment. They are compatible with convective IR and vapor phase reflow soldering. The package size and configuration conform to EIA-535 BAAC standard specification for case size 3528 tantalum capacitor. These LEDs are ideal for backlighting and optical coupling into light pipes.
FEATURES
* GaN/SIC technology for -B and -W * Wide viewing angle of 120 * Water clear optics * Moisture-proof packaging * Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 7
9/3/03
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red QTLP670C-3 Yellow QTLP670C-B Blue QTLP670C-4 Green QTLP670C-W White
ABSOLUTE MAXIMUM RATINGS (TA =25C Unless otherwise specified)
QTLP670C Parameter Continuous Forward Current Peak Forward Current (f = 1.0 KHz, Duty Factor = 1/10) Reverse Voltage (IR = 10 A) Power Dissipation Operating Temperature Storage Temperature Lead Soldering Time Symbol -2 IF IFM VR PD TOPR TSTG TSOL 30 160 5 84 -3 30 160 5 84 -4 30 160 5 84 -7 30 180 5 72 -B 30 100 5 135 -W 30 100 5 135 mA mA V mW C C C Units
-40 to +85 -40 to +90 260 for 5 sec
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25C)
QTLP670C Part Number Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Wavelength (nm) Peak Dominant Chromatic Coordinate Spectral Line Half Width (nm) Viewing Angle () P D x,y 21/2 635 630 -- 45 120 585 590 -- 35 120 565 570 -- 30 120 660 645 -- 20 120 430 465 -- 65 120 -- -- x = 0.26 y = 0.28 -- 120 IF = 20mA IF = 20mA IF = 20mA IF = 20mA VF 2.8 2.0 2.8 2.0 2.8 2.1 2.4 1.9 4.5 3.8 4.5 3.8 IF = 20mA IV 5 10 5 10 15 25 25 40 20 30 20 30 IF = 20mA Symbol -2 -3 -4 -7 -B -W Condition
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 7
9/3/03
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red
TYPICAL PERFORMANCE CURVES
Fig. 1 Forward Current vs. Forward Voltage
90 2.0
QTLP670C-3 Yellow QTLP670C-B Blue
QTLP670C-4 Green QTLP670C-W White
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 0 1.0 2.0 3.0 4.0 5.0 BLUE & WHITE AlGaAs RED HER GREEN
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
80
1.5
AlGaAs RED
YELLOW
1.0 BLUE & WHITE 0.5 HER YELLOW GREEN
0.0 0 5 10 15 20 25 30
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 3 Relative Intensity vs. Peak Wavelength
HER WHITE GREEN YELLOW AlGaAs RED
1.0
RELATIVE INTENSITY
0.5
0 300 350 400 450 BLUE 500 550 600 650 700 750
WAVELENGTH (nm)
Fig.4 Radiation Diagram
50
Fig.5 Maximum Forward Current vs. Ambient Temperature
IF - FORWARD CURRENT (mA)
40
-20 -30 -40 -50 -60 -70 -80 -90 1.0
-10
0
10
20 30 40 50 60 70 80 90
30
20
10
0 0 20 40 60 80 100
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
REL. LUMINOUS INTENSITY (%)
TA - AMBIENT TEMPERATURE (C)
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 7
9/3/03
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red QTLP670C-3 Yellow QTLP670C-B Blue QTLP670C-4 Green QTLP670C-W White
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
0.063 [1.60]
0.095 [2.41]
0.071 [1.80] 2X
RECOMMENDED IR REFLOW SOLDERING PROFILE
5 sec MAX soldering time
240 C MAX
+5 C/s MAX
-5 C/s MAX
60 - 120 sec Preheating
120 - 150 C MAX
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 7
9/3/03
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red
TAPE AND REEL DIMENSIONS
8.4
+1.5 -0.0
QTLP670C-3 Yellow QTLP670C-B Blue
QTLP670C-4 Green QTLP670C-W White
11.0
+0.5 -0.0
5 0. 2.5
O12.75
+0.25 -0.0
Progressive direction
1.75 2.00.05 4.0 O1.55.05 (sprocket) 0.23
3.50.05
2.5
0 0.5
O62.00.5
8.0
O1801
4.0
3.84
3.12
2.24
for -2, -3, -4, -9, -B and -W
Polarity
Dimensional tolerance is 0.1mm unless otherwise specified Angle: 0.5 Unit: mm Polarity marks are on the sprocket side.
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 7
9/3/03
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red
TAPE AND REEL DIMENSIONS
8.4
+1.5 -0.0
QTLP670C-3 Yellow QTLP670C-B Blue
QTLP670C-4 Green QTLP670C-W White
11.0
+0.5 -0.0
5 0. 2.5
O12.75
+0.25 -0.0
Progressive direction
1.75 2.00.05 4.0 O1.55.05 (sprocket) 0.23
3.50.05
2.5
0 0.5
O62.00.5
8.0
O1801
4.0
3.84
3.12
2.24
for -7
Polarity
Dimensional tolerance is 0.1mm unless otherwise specified Angle: 0.5 Unit: mm Polarity marks are on the opposite sprocket side.
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 7
9/3/03
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-2 QTLP670C
QTLP670C-2 HER QTLP670C-7 AlGaAs Red QTLP670C-3 Yellow QTLP670C-B Blue QTLP670C-4 Green QTLP670C-W White
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 7 of 7
9/3/03


▲Up To Search▲   

 
Price & Availability of QTLP670C-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X